PART |
Description |
Maker |
PSH3018 PSH3027 PSH4028 PSH5018 PSH5028 PSH6022 PS |
SMD Power Inductors Shielded Low current SMD Power Inductors Shielded High Current
|
PREMO CORPORATION S.L
|
1MT0715-2R2MF 1MT0715-3R3MF 1MT0715-R82MF 1MT0715- |
High Current Shielded Power Inductor
|
Accetek
|
PS0603 PS0604 PS0603-100M PS0603-101K PS0603-102K |
SMD Power Inductors Shielded High Current
|
PREMO CORPORATION S.L
|
PS1260-330M PS1260-390M PS1260-3R5N PS1260-470M PS |
SMD Power Inductors Shielded High Current
|
http:// PREMO CORPORATION S.L
|
SER1360-102KL SER1360-103KL SER1360-182KL SER1360- |
provides exceptionally high current carrying capability and very low DC resistance Shielded Power Inductors . SER1360
|
Coilcraft lnc.
|
PS1608 PS4530 PS1608-6R8M PS1608-4R7M PS1608-472M |
SMD Power Inductors Shielded High Current SMD Power Inductors Shielded
|
PREMO CORPORATION S.L
|
ASPI-6P-XXX |
HIGH CURRENT SHIELDED INDUCTOR
|
ABRACON[Abracon Corporation]
|
PCHC420R8-100M-RC PCHC420R8-1R5M-RC PCHC420R8-8R2M |
SMD High Current Shielded Choke
|
Allied Components Internati...
|
PSU3014 PSU3017 PSU4018 PSU3017-100N PSU3017-150N |
SMD Power Inductors Shielded Low current
|
http:// PREMO CORPORATION S.L
|
SDR0503-390KL SDR0503-821KL SDR0503-122JL SDR0503- |
MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 39 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 820 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 1200 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 5600 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductor; Series:SDR0503; Inductance:47uH; Inductance Tolerance: /- 10 %; Q Factor:20; Self Resonant Frequency:14MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite DR; Current Rating:750mA; Mounting Type:Surface Mount Power Inductor; Inductor Type:Power; Inductance:3.3mH; Inductance Tolerance: 5 %; Current Rating:0.062A; Series:SDR0503; Core Material:Ferrite DR; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Q Factor:40 RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
V375B3.3M150A3L V375A3.3M150A3L V375B3.3M150A2L V3 |
DR331-7 Series Shielded SMD Inductor; Shielded Surface Mount Design. Inductance 150µH. Rated Current 0.26 Amps. Operating Temp. -40°C to 85°C. Size: 6.60mm x 4.45mm x 2.92mm. Analog IC 模拟IC
|
Vishay Intertechnology, Inc. Global Mixed-mode Technology, Inc. Vicor, Corp.
|